hw?14?08?s?s?350?sm hw?20?15?g?d?475?sm www.samtec.com mates with: ssw, ssq, esw, esq, ces, slw, bsw, bcs, ssm, idss, idsd, hle board stacker note: these series are non-standard, non-returnable. hw series double row only (metal or plastic at samtec discretion) (1,27) .050 (2,54) .100 01 thru 36 (2,54) .100 x no. of positions (5,08) .200 36 02 72 01 71 (2,54) .100 (7,37) .290 (2,54) .100 (2,54) .100 (0,64) .025 sq typ (4,70) .185 01 (2,54) .100 specify lead style from chart ?f = gold ? ash on contact, matte tin on tail ?l = 10" (0,25m) gold on contact area of longer tail, matte tin on tail ?g = 10" (0,25m) gold on contact area of longer tail, gold ? ash on balance ?t = matte tin ?s = 30" (0,76m) gold on contact area of longer tail, matte tin on tail lead style ? 08 ? 09 ?10 ?11 ?12 ?15 ?16 ?17 ? 20 oal (smt) (11,81) .465 (16,89) .665 (19,43) .765 (21,97) .865 (24,51) .965 (14,35) .565 (9,65) .380 (10,54) .415 (27,05) 1.065 locking clip available with double row -sm. call samtec. application specific option hw no. pins per row sm stacker height plat ing option row op tion other options ? d = double row ? s = single row ??xxx? = stacker height stacker height (6,35) .250 min lead style f-208 ?tr = tape & reel packaging (27 positions max.) (not available on lead styles 10, 11, 12 & 20) ??x x?? = polarized specify omitted pin position ?a = alignment pin for complete speci cations and recommended pcb layouts see www.samtec.com?hw insulator material: top: natural lcp bottom: black lcp terminal material: phosphor bronze plating: au or sn over 50? (1,27?) ni current rating: 3a continuous operating temp range: -55? to +125? with gold -55? to +105? with tin rohs compliant: ye s processing: max processing temp: 230? for 60 seconds, or 260? for 20 seconds 3x lead?free solderable: ye s smt lead coplanarity: (0,15mm) .006" max specifications overall length (oal) post (0,00).000 min stacker height
|